PART |
Description |
Maker |
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
HT75XX-2 |
100mA Low Power LDO
|
Holtek Semiconductor In...
|
HT75XX-1 HT7550-1 HT7530-1 HT7533-1 HT7536-1 HT754 |
100mA Low Power LDO
|
HOLTEK[Holtek Semiconductor Inc]
|
MAX5091BATAT MAX5091AATAT MAX5091AASA MAX5091BASA |
28V, 100mA, Low-Quiescent-Current LDO with Reset and Power-Fail Input/Output
|
Maxim Integrated Products
|
LP2950ACDT-3.0RK LP2950ACZ-3.0RA LP2950CDT-3.0RK L |
100mA, 3V, Low Power Low Dropout Voltage Regulator 100mA, 3.3V or Adjustable, Low Power Low Dropout Voltage Regulator with Error Flag Output
|
ON Semiconductor
|
LP2951-02BM LP2951-02BN LP2951-03BM LP2951-03BN LP |
100mA Low-Dropout Voltage Regulator 100mA Low-Dropout Voltage Regulator FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8
|
http:// MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
CS8361YDWF16G CS8361YDWFR16G CS8361YDPS7G CS8361YD |
5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
|
ON Semiconductor
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
LT3050MPMSE-3.3 LT3050MPMSE-3.3-PBF LT3050MPMSE-3. |
100mA, Linear Regulator with Precision Current Limit and Diagnostic Outputs 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO12 LEAD FREE, PLASTIC, MSOP-12 100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions, 12-Lead Plastic MSOP, Temperature Range: –40°C to 125°C 0.6 V-44.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO12 100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions, 12-Lead Plastic MSOP, Temperature Range: –55°C to 125°C 0.6 V-44.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PDSO12 100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions, 12-Lead (3mm × 2mm) Plastic DFN, Temperature Range: –40°C to 125°C, Tape and Reel
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ISL9021AIRUFZ-T ISL9021AIIBZ-T ISL9021AIICZ-T ISL9 |
250mA Single LDO with Low IQ, Low Noise and High PSRR LDO 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6
|
Intersil Corporation
|
SP6200EM5-1.5 SP6200EM5-1.5_TR SP6200EM5-1.8 SP620 |
Micropower, 100mA and 200mA CMOS LDO Regulators Micropower / 100mA and 200mA CMOS LDO Regulators TRIMMER, 25 TURN 1M
|
SIPEX[Sipex Corporation] http://
|